| データシートサーチシステム |
|
CFA633-RDI-KU データシート(PDF) 71 Page - Crystalfontz America, Inc. |
|
|
|||||||||||||||||||||||||||||
CFA633-RDI-KU データシート(HTML) 71 Page - Crystalfontz America, Inc. |
|
71 / 86 page ![]() Crystalfontz America, Inc. Data Sheet Release Date 2012/02/21 www.crystalfontz.com CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1) February 2012 Page 71 //Push this byte’s bits through a software //implementation of a hardware shift & xor. for(bit_count=0;bit_count<=7;bit_count++) { //Shift the CRC accumulator newCRC>>=1; //The new MSB of the CRC accumulator comes //from the LSB of the current data byte. if(data&0x01) newCRC|=0x00800000; //If the low bit of the current CRC accumulator was set //before the shift, then we need to XOR the accumulator //with the polynomial (center 16 bits of 0x00840800) if(newCRC&0x00000080) newCRC^=0x00840800; //Shift the data byte to put the next bit of the stream //into position 0. data>>=1; } } //All the data has been done. Do 16 more bits of 0 data. for(bit_count=0;bit_count<=15;bit_count++) { //Shift the CRC accumulator newCRC>>=1; //If the low bit of the current CRC accumulator was set //before the shift we need to XOR the accumulator with //0x00840800. if(newCRC&0x00000080) newCRC^=0x00840800; } //Return the center 16 bits, making this CRC match the one’s //complement that is sent in the packet. return((~newCRC)>>8); } |