| データシートサーチシステム |
|
CFA633-RDI-KU データシート(PDF) 80 Page - Crystalfontz America, Inc. |
|
|
|||||||||||||||||||||||||||||
CFA633-RDI-KU データシート(HTML) 80 Page - Crystalfontz America, Inc. |
|
80 / 86 page ![]() Crystalfontz America, Inc. Data Sheet Release Date 2012/02/21 www.crystalfontz.com CFA633-RDI-KU LCD Module (Hardware v2.0 / Firmware u2v1) February 2012 Page 80 BuildMsgDSPLY: movlw 0xF3 movwf dsplyCRC ; seed hi for CRC calculation movlw 0x21 movwf dsplyCRC+1 ; seed lo for CRC calculation LFSR FSR1,TXBUF2 ; point at transmit buffer movlw 0x1F ; command to send data to LCD movwf TXBUF2 ; insert command byte from us to ; CFA635 BMD1 movlw .2 ddwf SendCount,w ; + overhead call ComputeCRC2 ; compute CRC of transmit message movf dsplyCRC+1,w movwf POSTINC1 ; append CRC byte movf dsplyCRC,w movwf POSTINC1 ; append CRC byte return ;=================================================================== SendMsg: call ReleaseFSR1 LFSR FSR0,TXBUF2 movff FSR0H,irptFSR0 movff FSR0L,irptFSR0+1 ; save interrupt use of FSR0 movff SendCount,TXBUSY2 bsf PIE2,TX2IE ; set transmit interrupt enable ; (bit 4) return ;=================================================================== ; macro to move string to transmit buffer SHOW macro src, stringname call src MOVLF upper stringname, TBLPTRU MOVLF high stringname, TBLPTRH MOVLF low stringname, TBLPTRL call MOVE_STR endm ;=================================================================== MOVE_STR: tblrd *+ movf TABLAT,w bz ms1b movwf POSTINC1 incf SendCount goto MOVE_STR ms1b: return ;=================================================================== |