| データシートサーチシステム |
|
AS01508MS-SP15-WP-R データシート(PDF) 1 Page - PUI audio inc. |
|
|
|||||||||||||||||||||||||||||
AS01508MS-SP15-WP-R データシート(HTML) 1 Page - PUI audio inc. |
|
1 / 5 page ![]() This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission of PUI Audio Inc. is prohibited. ©2017, PUI Audio Inc. PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414 Tel: (937) 415-5901 Fax: (937) 415-5925 Data Sheet AS01508MS-SP15-WP-R PUI Audio’s Mobile Series line of speakers and receivers is designed for cutting- edge applications such as smart watches and pendants, Wi-Fi enabled security devices and action cameras, mobile radios and smart phones, as well as IoT devices. Each Mobile Series product features an IP67-rated face for protection against dust and water ingress. The eight ohm 15mm x 11mm AS01508MS-SP15-WP-R speaker is designed for high fidelity audio reproduction in the thinnest size possible—only 2.5mm thick! Solder pads allow for lead wire attachment. Features: • PEEK diaphragm for flat frequency response • 89 dB output (2V @ 10cm) • High-energy neodymium motor • Only 2.5 mm thick • Dustproof and waterproof IP67-rated face Specifications Parameters Values Units Rated Input Power 0.7 Watts Max Input Power 1 Watts Impedance 8 ± 20% Ohms Sensitivity (SPL @ 2V/10cm) Average 0.8, 1.0, 1.5, 2.0 kHz 91 ± 3 dB Resonant Frequency (free air / in 1cc enclosure) 500 ± 20% / 800 ± 20% Hz Frequency Range 500 ~ 20,000 Hz Frame Material PBT - Magnet Material NdFeB - Weight 1.5 Grams Environmental Protection Rating IP67 - |
同様の部品番号 - AS01508MS-SP15-WP-R |
|
同様の説明 - AS01508MS-SP15-WP-R |