| データシートサーチシステム |
|
AS01508MS-SP15-WP-R データシート(PDF) 2 Page - PUI audio inc. |
|
|
|||||||||||||||||||||||||||||
AS01508MS-SP15-WP-R データシート(HTML) 2 Page - PUI audio inc. |
|
2 / 5 page ![]() This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission of PUI Audio Inc. is prohibited. ©2017, PUI Audio Inc. PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414 Tel: (937) 415-5901 Fax: (937) 415-5925 Specifications (continued) Buzz, Rattle, etc. Should not be audible with 2.37V sine wave from 300 Hz to 3.4 kHz - Polarity When positive voltage is applied to the positive terminal, the diaphragm will move outward - Storage Temperature -40 ~ +85 °C Operating Temperature -20 ~ +70 °C Measurement Method (measured with 2V, Temperature: 15 ~ 35°C, Relative Humidity: 25%~70%) Standard test condition of speaker Microphone B&K Type 4191 Speaker Power Amplifier Audio Analyzer B&K Type 2012 Standard Baffle Board Recommended In IEC 268-5 Where 1650mmx1350mm Frequency Response (measured with 2V @ 10cm in 10cc enclosure) |