データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMIF10-LCD01F2 データシート(PDF) 3 Page - STMicroelectronics

部品番号 EMIF10-LCD01F2
部品情報  10 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD01F2 データシート(HTML) 3 Page - STMicroelectronics

  EMIF10-LCD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EMIF10-LCD01F1
3/6
Vin
Vout
Fig. 3: ESD response to IEC61000-4-2 (+15kV air
discharge) on one input and one output.
Fig. 6: Rise
time 10-90% measurements with
1.9V signal at 26 MHz frequency (50
Ω generator).
0
5
10
15
20
25
30
35
0.0
1.0
2.0
3.0
4.0
5.0
VLine(V)
CLine(pF)
Fig. 5: Line capacitance versus applied voltage.
Fig. 7: Fall time 10-90% measurements with 1.9V
signal at 26 MHz frequency (50
Ω generator).
Fig. 4: ESD response to IEC61000-4-2 (-15kV air
discharge) on one input and one output.



Html Pages

1 2 3 4 5 6