データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMIF10-LCD01F2 データシート(PDF) 4 Page - STMicroelectronics

部品番号 EMIF10-LCD01F2
部品情報  10 LINES EMI FILTER AND ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF10-LCD01F2 データシート(HTML) 4 Page - STMicroelectronics

  EMIF10-LCD01F2 Datasheet HTML 1Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 2Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 3Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 4Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 5Page - STMicroelectronics EMIF10-LCD01F2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMIF10-LCD01F1
4/6
EMIF10-LCD01F1 model
Ground return
Aplac model.
ZRZ structure
aplacvar Remif10low 100
aplacvar Cemif10flow 17.5pF
Bumps
aplacvar Lbump 50pH
aplacvar Rbump 20m
aplacvar Cbump 1.5pF
Bulk
aplacvar Rsub 100m
Gnd connections
aplacvar Rgnd 100m
aplacvar Lgnd 200pH
aplacvar Cgnd 0.15pF
BV = 7
CJO = Cemif10low
IBV = 1u
IKF = 1000
IS = 10f
ISR = 100p
N = 1
M = 0.3333
RS = 0.015
VJ = 0.6
TT = 50n
Aplac parameters.
EMIF
yy
F
x
-
xxx
zz
EMI Filter
Number of lines
x: resistance value (Ohms) z: capacitance value / 10(pF)
or
Application (3 letters) and Version (2 digits)
Flip Chip
1: Pitch = 500µm Bump = 315µm
2: Leadfree Pitch = 500µm Bump = 315µm
3: Leadfree Pitch = 400µm Bump = 250µm
4: Pitch = 500µm Bump = 250µm
ORDER CODE



Html Pages

1 2 3 4 5 6