| データシートサーチシステム |
|
CS9236-CL データシート(PDF) 21 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236-CL データシート(HTML) 21 Page - Cirrus Logic |
|
21 / 34 page ![]() CS9236 DS214PP11 21 Control Change Messages (Continued) SOSTENUTO (CONTROLLER 66) BnH 40H vvH n = MIDI channel number 0 - FH (1 - 16) vv = control value 00 - 3FH (0 - 63) <OFF> 40 - 7FH (64 - 127) <ON> The effect of SOSTENUTO is similar to DAMPER PEDAL (SUSTAIN), except that SOSTENUTO only affects notes which were already active at the time that SOSTENUTO was switched ON. Notes which were already playing when the SOSTE- NUTO ON message is received will be sustained until the corresponding NOTE OFF message is received or until SOSTE- NUTO is turned OFF, whichever occurs later. NOTE ON messages which are received after SOSTENUTO has been switched ON are not affected. The CS9236 default value for SOSTENUTO is zero (Off). EFFECT 1 DEPTH/REVERB SEND LEVEL (CONTROLLER 91) BnH 5BH vvH n = MIDI channel number 0 - FH (1 - 16) vv = reverb send depth 00 - 7FH (0 - 127) The REVERB SEND LEVEL message (MIDI Controller 91) is used to adjust the amount of reverb effect applied to sounds played on the specified MIDI channel. Each melodic instrument (MIDI channels 1 - 9, 11 - 16) and each individual percus- sion sound (MIDI channel 10) implemented in the CS9236 has a predefined default reverb send level. The reverb send level used when a sound is produced is either the value received from a REVERB SEND LEVEL message (MIDI Controller 91) or the default for the melodic instrument (or percussion sound) currently selected on the specified MIDI channel, whichever is greater. The CS9236 reverb send level response curve is exponential. EFFECT 3 DEPTH/CHORUS SEND LEVEL (CONTROLLER 93) BnH 5DH vvH n = MIDI channel number 0 - FH (1 - 16) vv = chorus send depth 00 - 7FH (0 - 127) The CHORUS SEND LEVEL message (MIDI Controller 93) is used to adjust the amount of chorus effect applied to sounds played on the specified MIDI channel. Each melodic instrument (MIDI channels 1 - 9, 11 - 16) and each individual percus- sion sound (MIDI channel 10) implemented in the CS9236 has a predefined default chorus send level. The chorus send level used when a sound is produced is either the value received from a CHORUS SEND LEVEL message (MIDI Controller 93) or the default for the melodic instrument (or percussion sound) currently selected on the specified MIDI channel, whichever is greater. The CS9236 chorus send level response curve is exponential. |