データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS9236-CL データシート(PDF) 26 Page - Cirrus Logic

部品番号 CS9236-CL
部品情報  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CIRRUS [Cirrus Logic]
ホームページ  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236-CL データシート(HTML) 26 Page - Cirrus Logic

Back Button CS9236-CL Datasheet HTML 22Page - Cirrus Logic CS9236-CL Datasheet HTML 23Page - Cirrus Logic CS9236-CL Datasheet HTML 24Page - Cirrus Logic CS9236-CL Datasheet HTML 25Page - Cirrus Logic CS9236-CL Datasheet HTML 26Page - Cirrus Logic CS9236-CL Datasheet HTML 27Page - Cirrus Logic CS9236-CL Datasheet HTML 28Page - Cirrus Logic CS9236-CL Datasheet HTML 29Page - Cirrus Logic CS9236-CL Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
CS9236
26
DS214PP11
Channel Mode Messages (Continued)
OMNI MODE ON (Controller 125)
BnH
7DH
00H
n = MIDI channel number
0 - FH (1 - 16)
The CS9236 responds to the OMNI MODE ON message as if it were an ALL NOTES OFF message (See ALL NOTES
OFF). The specified channel remains in OMNI OFF mode (All channels operate only in OMNI OFF mode in the CS9236).
MONO MODE ON (Controller 126)
BnH
7EH
mmH
n = MIDI channel number
0 - FH (1 - 16)
mm = number of mono
00 - 10H (0 - 16) <ignored>
On receipt of the MONO MODE ON message, the CS9236 performs ALL SOUNDS OFF on the specified MIDI channel
(see description of ALL SOUNDS OFF message), and the specified channel is set to Mode 4 (OMNI OFF/MONO). In mode
4, the specified channel will respond to MIDI messages monophonically (it can only play one MIDI note at a time). In this
mode, if a NOTE ON message is received on the specified MIDI channel while a note is already sounding, the new note will
be played while the old/ongoing note is forced into the release phase of it’s amplitude envelope (the notes will overlap for
the duration of the release phase of the older note).
POLY MODE ON (Controller 127)
BnH
7FH
00H
n = MIDI channel number
0 - FH (1 - 16)
On receipt of the POLY MODE ON message, the CS9236 performs ALL SOUNDS OFF on the specified MIDI channel
(see description of ALL SOUNDS OFF message), and the specified channel is set to Mode 3 (OMNI OFF/POLY). In
mode 3, the specified channel will respond to MIDI messages polyphonically (it can play multiple MIDI notes simulta-
neously). Mode 3 is the default mode of operation for each MIDI channel in the CS9236.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34