データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP80SL650AI データシート(PDF) 1 Page - Advanced Power Electronics Corp.

部品番号 AP80SL650AI
部品情報  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  A-POWER [Advanced Power Electronics Corp.]
ホームページ  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP80SL650AI データシート(HTML) 1 Page - Advanced Power Electronics Corp.

  AP80SL650AI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP80SL650AI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP80SL650AI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP80SL650AI Datasheet HTML 4Page - Advanced Power Electronics Corp. AP80SL650AI Datasheet HTML 5Page - Advanced Power Electronics Corp. AP80SL650AI Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP80SL650AI
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ 100% R
g & UIS Test
BVDSS
800V
▼ Fast Switching Characteristic
RDS(ON)
0.65Ω
▼ Simple Drive Requirement
ID
3,4
8A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
Drain-Source Voltage
V
VGS
Gate-Source Voltage
V
VGS
V
ID@TC=25℃
Drain Current, VGS @ 10V
3,4
A
ID@TC=100℃
Drain Current, VGS @ 10V
3,4
A
IDM
Pulsed Drain Current
1
A
dv/dt
MOSFET dv/dt Ruggedness (VDS = 0 …640V )
V/ns
PD@TC=25℃
Total Power Dissipation
W
PD@TA=25℃
Total Power Dissipation
W
EAS
Single Pulse Avalanche Energy
5
mJ
dv/dt
Peak Diode Recovery dv/dt
6
V/ns
TSTG
Storage Temperature Range
℃
TJ
Operating Junction Temperature Range
℃
Thermal Data
Symbol
Parameter
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
3.6
℃
/W
Rthj-a
65
℃
/W
Data & specifications subject to change without notice
1
201608261
Parameter
75
20
Gate-Source Voltage, AC (f > 1Hz)
+30
1.92
-55 to 150
-55 to 150
Maximum Thermal Resistance, Junction-ambient
15
34.7
800
+20
8
5
20
Rating
Halogen-Free Product
G
D
S
AP80SL650A series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-220CFM package is widely preferred for all commercial-
industrial through hole applications. The mold compound provides
a high isolation voltage capability and low thermal resistance
between the tab and the external heat-sink.
G
D
S
TO-220CFM(I)
.


同様の部品番号 - AP80SL650AI

メーカー部品番号データシート部品情報
logo
Advanced Power Electron...
AP80SL400AI A-POWER-AP80SL400AI Datasheet
69Kb / 5P
Fast Switching Characteristic
AP80SL400AP A-POWER-AP80SL400AP Datasheet
69Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP80SL400AS A-POWER-AP80SL400AS Datasheet
68Kb / 5P
Fast Switching Characteristic
AP80SL400DI A-POWER-AP80SL400DI Datasheet
69Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP80SL990BH A-POWER-AP80SL990BH Datasheet
109Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

同様の説明 - AP80SL650AI

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com