| データシートサーチシステム |
|
56F8367 データシート(PDF) 56 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8367 データシート(HTML) 56 Page - Freescale Semiconductor, Inc |
|
56 / 184 page ![]() 56F8367 Technical Data, Rev. 7.0 56 Freescale Semiconductor Preliminary TMRC1_CMPLD2 $19 Comparator Load Register 2 TMRC1_COMSCR $1A Comparator Status and Control Register Reserved TMRC2_CMP1 $20 Compare Register 1 TMRC2_CMP2 $21 Compare Register 2 TMRC2_CAP $22 Capture Register TMRC2_LOAD $23 Load Register TMRC2_HOLD $24 Hold Register TMRC2_CNTR $25 Counter Register TMRC2_CTRL $26 Control Register TMRC2_SCR $27 Status and Control Register TMRC2_CMPLD1 $28 Comparator Load Register 1 TMRC2_CMPLD2 $29 Comparator Load Register 2 TMRC2_COMSCR $2A Comparator Status and Control Register Reserved TMRC3_CMP1 $30 Compare Register 1 TMRC3_CMP2 $31 Compare Register 2 TMRC3_CAP $32 Capture Register TMRC3_LOAD $33 Load Register TMRC3_HOLD $34 Hold Register TMRC3_CNTR $35 Counter Register TMRC3_CTRL $36 Control Register TMRC3_SCR $37 Status and Control Register TMRC3_CMPLD1 $38 Comparator Load Register 1 TMRC3_CMPLD2 $39 Comparator Load Register 2 TMRC3_COMSCR $3A Comparator Status and Control Register Table 4-14 Quad Timer D Registers Address Map (TMRD_BASE = $00 F100) Quad Timer D is NOT available in the 56F8167 device Register Acronym Address Offset Register Description TMRD0_CMP1 $0 Compare Register 1 TMRD0_CMP2 $1 Compare Register 2 TMRD0_CAP $2 Capture Register Table 4-13 Quad Timer C Registers Address Map (Continued) (TMRC_BASE = $00 F0C0) Register Acronym Address Offset Register Description |