| データシートサーチシステム |
|
56F8367 データシート(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8367 データシート(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 184 page ![]() 56F8367 Technical Data, Rev. 7.0 68 Freescale Semiconductor Preliminary Table 4-32 GPIOD Registers Address Map (GPIOD_BASE = $00 F320) Register Acronym Address Offset Register Description Reset Value GPIOD_PUR $0 Pull-up Enable Register 0 x 1FFF GPIOD_DR $1 Data Register 0 x 0000 GPIOD_DDR $2 Data Direction Register 0 x 0000 GPIOD_PER $3 Peripheral Enable Register 0 x 1FC0 GPIOD_IAR $4 Interrupt Assert Register 0 x 0000 GPIOD_IENR $5 Interrupt Enable Register 0 x 0000 GPIOD_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOD_IPR $7 Interrupt Pending Register 0 x 0000 GPIOD_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOD_PPMODE $9 Push-Pull Mode Register GPIOD_RAWDATA $A Raw Data Input Register — Table 4-33 GPIOE Registers Address Map (GPIOE_BASE = $00 F330) Register Acronym Address Offset Register Description Reset Value GPIOE_PUR $0 Pull-up Enable Register 0 x 3FFF GPIOE_DR $1 Data Register 0 x 0000 GPIOE_DDR $2 Data Direction Register 0 x 0000 GPIOE_PER $3 Peripheral Enable Register 0 x 3FFF GPIOE_IAR $4 Interrupt Assert Register 0 x 0000 GPIOE_IENR $5 Interrupt Enable Register 0 x 0000 GPIOE_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOE_IPR $7 Interrupt Pending Register 0 x 0000 GPIOE_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOE_PPMODE $9 Push-Pull Mode Register 0 x 3FFF GPIOE_RAWDATA $A Raw Data Input Register — |