データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UMT1N データシート(PDF) 4 Page - First Silicon Co., Ltd

部品番号 UMT1N
部品情報  Dual General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UMT1N データシート(HTML) 4 Page - First Silicon Co., Ltd

  UMT1N Datasheet HTML 1Page - First Silicon Co., Ltd UMT1N Datasheet HTML 2Page - First Silicon Co., Ltd UMT1N Datasheet HTML 3Page - First Silicon Co., Ltd UMT1N Datasheet HTML 4Page - First Silicon Co., Ltd UMT1N Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2012. 03. 08
4/5
UMT1N
Revision No : 0
SINGLE PULSE
t 1
Z
θ
JA (t) = r(t) R θJA
R
θ
JA = 328°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t
1
T
J(pk) – T C = P (pk) R θJC (t)
t 2
P (pk)
DUTY CYCLE, D = t 1 /t 2
D=0.5
0.2
0.1
0 05
0.02
0.01
t, TIME (ms)
Figure 11. Thermal Response
M
0
.
1
K
0
0
1
K
0
1
K
0
.
1
0
0
1
0
1
0
.
1
0
1.0
0.1
0.01
0 001
-200
-100
-50
-10
-5.0
-2.0
-1 0
-5.0
-10
-30
-45 -65
-100
V
CE , COLLECTOR–EMITTER VOLTAGE (V)
Figure 12. Active Region Safe Operating Area
The safe operating area curves indicate I C –V CE limits of
thetransistor that must be observed for reliable operation.
Collector load lines for specific circuits must fall below the
limits indicated by the applicable curve.
The data of Figure 12 is based upon T J(pk) = 150°C; T C or
T A is variable depending upon conditions. Pulse curves are
valid for duty cycles to 10% provided T J(pk) < 150°C. T J
(pk) may be calculated from the data in Figure 12. At high
case or ambient temperatures, thermal limitations will reduce
the power that can be handled to values less than the limita-
tions imposed by the secondary breakdown.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com