データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UMT1N データシート(PDF) 1 Page - First Silicon Co., Ltd

部品番号 UMT1N
部品情報  Dual General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FS [First Silicon Co., Ltd]
ホームページ  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UMT1N データシート(HTML) 1 Page - First Silicon Co., Ltd

  UMT1N Datasheet HTML 1Page - First Silicon Co., Ltd UMT1N Datasheet HTML 2Page - First Silicon Co., Ltd UMT1N Datasheet HTML 3Page - First Silicon Co., Ltd UMT1N Datasheet HTML 4Page - First Silicon Co., Ltd UMT1N Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2012. 03. 08
1/5
SEMICONDUCTOR
TECHNICAL DATA
UMT1N
Revision No : 0
1
3
2
SOT-363/SC-88
6
4
5
Q1 MAXIMUM RATING (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
V CBO
-50
V
Collector-Emitter Voltage
V CEO
-45
V
Emitter-Base Voltage
V EBO
-6
Collector Current
IC
-100
Base Current
IB
-20
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector Power Dissipation
PC *
380
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 ~ 150
Q2 MAXIMUM RATING (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
V CBO
-50
V
Collector-Emitter Voltage
V CEO
-45
V
Emitter-Base Voltage
V EBO
-6
Collector Current
IC
-100
Base Current
IB
-20
Q1 Q2 MAXIMUM RATING (Ta=25
)
* Total Raing. FR-5 = 1.0 x 0.75 x 0.062 in
Dual General Purpose Transistors
PNP Duals
These transistors are designed for general purpose amplifier
applications. They are housed in the SOT–363/SC–88 which is
designed for low power surface mount applications.
Q1
Q2
(1)
(2)
(3)
(4)
(5)
(6)
DEVICE MARKING
3B
V
V


同様の部品番号 - UMT1N

メーカー部品番号データシート部品情報
logo
Rohm
UMT1N ROHM-UMT1N Datasheet
80Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
UMT1N ROHM-UMT1N Datasheet
100Kb / 4P
General Purpose Transistor (Isolated Dual Transistors)
logo
Micro Commercial Compon...
UMT1N MCC-UMT1N Datasheet
541Kb / 4P
Dual Transistors
UMT1N MCC-UMT1N Datasheet
382Kb / 4P
Dual Transistors
logo
SeCoS Halbleitertechnol...
UMT1N SECOS-UMT1N Datasheet
104Kb / 1P
-0.15A , -60V Dual PNP General Purpose Transistors
More results

同様の説明 - UMT1N

メーカー部品番号データシート部品情報
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com