データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1812 データシート(PDF) 80 Page - Microchip Technology

部品番号 EMC1812
部品情報  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 データシート(HTML) 80 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 76Page - Microchip Technology EMC1812 Datasheet HTML 77Page - Microchip Technology EMC1812 Datasheet HTML 78Page - Microchip Technology EMC1812 Datasheet HTML 79Page - Microchip Technology EMC1812 Datasheet HTML 80Page - Microchip Technology EMC1812 Datasheet HTML 81Page - Microchip Technology EMC1812 Datasheet HTML 82Page - Microchip Technology EMC1812 Datasheet HTML 83Page - Microchip Technology EMC1812 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
6.10.37 Global Max Temperature High Byte Register (Address 4Dh and 4Fh)
Name: 
GBL MAXTH
Offset: 
0x4D + n*0x02 [n=0..1]
Bit
7
6
5
4
3
2
1
0
GM(N)HB[7:0]
Access
RO
RO
RO
RO
RO
RO
RO
RO
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – GM(N)HB[7:0] Integer value of the external diode N, maximum temperature reading within the
sample period, where N = 1 or 2 corresponding to external diode 1 or 2.
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More