データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EMC1812 データシート(PDF) 13 Page - Microchip Technology

部品番号 EMC1812
部品情報  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 データシート(HTML) 13 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 9Page - Microchip Technology EMC1812 Datasheet HTML 10Page - Microchip Technology EMC1812 Datasheet HTML 11Page - Microchip Technology EMC1812 Datasheet HTML 12Page - Microchip Technology EMC1812 Datasheet HTML 13Page - Microchip Technology EMC1812 Datasheet HTML 14Page - Microchip Technology EMC1812 Datasheet HTML 15Page - Microchip Technology EMC1812 Datasheet HTML 16Page - Microchip Technology EMC1812 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
•
DN2/DP3: DN2 cathode and DP3 anode
3.12
Anti-Parallel Diode Pair (DP1/DN2 and DN1/DP2)
•
DP1/DN2: DP1 anode and DN2 cathode
•
DN1/DP2: DN1 cathode and DP2 anode
3.13
Anti-Parallel Diode Pair (DP3/DN4 and DN3/DP4)
•
DP3/DN4: DP3 anode and DN4 cathode
•
DN3/DP4: DN3 cathode and DP4 anode
3.14
SMBus Clock (SCL)
This is the SMBus/I2C input clock pin for SMBus communication.
3.15
Exposed Thermal Pad (EP)
There is no internal connection between the Exposed Thermal Pad (EP) and the GND pin. They must be
connected to the same electric potential on the Printed Circuit Board (PCB). Grounding is recommended
for mechanical support.
Multi-Channel Low-Voltage Remote Di...
Pin Descriptions
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More