| データシートサーチシステム |
|
STUSB4500 データシート(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB4500 データシート(HTML) 26 Page - STMicroelectronics |
|
26 / 41 page ![]() 7.2 Operating conditions Table 21. Operating conditions Symbol Parameter Value Unit VDD Supply voltage on VDD pin 4.1 to 22 V VSYS Supply voltage on VSYS pin 3.0 to 5.5 VCC1, VCC2 VCC1DB, VCC2DB CC pins 0 to 5.5 VVBUS_EN_SNK VVBUS_VS_DISCH VDISCH VPOWER_OK2 High voltage pins 0 to 22 VSCL, VSDA VALERT VRESET VATTACH VA_B_SIDE VPOWER_OK3 VGPIO VADDR0, VADDR1 Operating voltage on I/O pins 0 to 4.5 TA Operating temperature -40 to 105 °C STUSB4500 Operating conditions DS12499 - Rev 2 page 26/41 |