データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB4500 データシート(PDF) 30 Page - STMicroelectronics

部品番号 STUSB4500
部品情報  Standalone USB PD sink controller with short-to-VBUS protections
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500 データシート(HTML) 30 Page - STMicroelectronics

Back Button STUSB4500 Datasheet HTML 26Page - STMicroelectronics STUSB4500 Datasheet HTML 27Page - STMicroelectronics STUSB4500 Datasheet HTML 28Page - STMicroelectronics STUSB4500 Datasheet HTML 29Page - STMicroelectronics STUSB4500 Datasheet HTML 30Page - STMicroelectronics STUSB4500 Datasheet HTML 31Page - STMicroelectronics STUSB4500 Datasheet HTML 32Page - STMicroelectronics STUSB4500 Datasheet HTML 33Page - STMicroelectronics STUSB4500 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Table 23. QFN-24 EP (4x4) package mechanical data
Ref.
mm
Inches
Min.
Typ
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.18
0.25
0.30
0.007
0.0010
0.012
D
3.95
4.00
4.05
0.156
0.157
0.159
D2
2.55
2.70
2.80
0.100
0.106
0.110
E
3.95
4.00
4.05
0.156
0.157
0.159
E2
2.55
2.70
2.80
0.100
0.106
0.110
e
0.45
0.50
0.55
0.018
0.020
0.022
K
0.15
-
-
0.006
-
-
L
0.30
0.40
0.50
0.012
0.016
0.020
Figure 10. QFN-24 EP (4x4) recommended footprint
STUSB4500
QFN-24 EP (4x4) package information
DS12499 - Rev 2
page 30/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41