データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB4500L データシート(PDF) 21 Page - STMicroelectronics

部品番号 STUSB4500L
部品情報  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L データシート(HTML) 21 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 17Page - STMicroelectronics STUSB4500L Datasheet HTML 18Page - STMicroelectronics STUSB4500L Datasheet HTML 19Page - STMicroelectronics STUSB4500L Datasheet HTML 20Page - STMicroelectronics STUSB4500L Datasheet HTML 21Page - STMicroelectronics STUSB4500L Datasheet HTML 22Page - STMicroelectronics STUSB4500L Datasheet HTML 23Page - STMicroelectronics STUSB4500L Datasheet HTML 24Page - STMicroelectronics STUSB4500L Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
QFN-24 EP (4x4) package information
Figure 9. QFN-24 EP (4x4) package information
PLANE
SEATING
0.08 C
C
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Pin#1 ID
D
e
D2
b
L
STUSB4500L
Package information
DS13102 - Rev 1
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31