データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB4500L データシート(PDF) 22 Page - STMicroelectronics

部品番号 STUSB4500L
部品情報  Standalone USB Type-C??sink port controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4500L データシート(HTML) 22 Page - STMicroelectronics

Back Button STUSB4500L Datasheet HTML 18Page - STMicroelectronics STUSB4500L Datasheet HTML 19Page - STMicroelectronics STUSB4500L Datasheet HTML 20Page - STMicroelectronics STUSB4500L Datasheet HTML 21Page - STMicroelectronics STUSB4500L Datasheet HTML 22Page - STMicroelectronics STUSB4500L Datasheet HTML 23Page - STMicroelectronics STUSB4500L Datasheet HTML 24Page - STMicroelectronics STUSB4500L Datasheet HTML 25Page - STMicroelectronics STUSB4500L Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Table 17. QFN-24 EP (4x4) package mechanical data
Ref.
mm
Inches
Min.
Typ
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.18
0.25
0.30
0.007
0.0010
0.012
D
3.95
4.00
4.05
0.156
0.157
0.159
D2
2.55
2.70
2.80
0.100
0.106
0.110
E
3.95
4.00
4.05
0.156
0.157
0.159
E2
2.55
2.70
2.80
0.100
0.106
0.110
e
0.45
0.50
0.55
0.018
0.020
0.022
K
0.15
-
-
0.006
-
-
L
0.30
0.40
0.50
0.012
0.016
0.020
Figure 10. QFN-24 EP (4x4) recommended footprint
STUSB4500L
QFN-24 EP (4x4) package information
DS13102 - Rev 1
page 22/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31