データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB4710AQ1TR データシート(PDF) 16 Page - STMicroelectronics

部品番号 STUSB4710AQ1TR
部品情報  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710AQ1TR データシート(HTML) 16 Page - STMicroelectronics

Back Button STUSB4710AQ1TR Datasheet HTML 12Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 13Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 14Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 15Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 16Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 17Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 18Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 19Page - STMicroelectronics STUSB4710AQ1TR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
I²C interface
STUSB4710
16/34
DocID030499 Rev 4
5
I²C interface
5.1
Read and write operations
The I²C interface is used to configure, control and read the status of the device. It is
compatible with the Philips I²C Bus® (version 2.1). The I²C is a slave serial interface based
on two signals:
SCL - serial clock line: input clock used to shift data
SDA - serial data line: input/output bidirectional data transfers
A filter rejects the potential spikes on the bus data line to preserve data integrity.
The bidirectional data line support transfers up to 400 Kbit/s (fast mode). The data are
shifted to and from the chip on the SDA line, MSB first.
The first bit must be high (START) followed by the 7-bit device address and the read/write
control bit.
Two 7-bit device addresses are available for the STUSB4710 thanks to external
programming of DevADDR0, through ADDR0, pin setting. It allows two STUSB4710
devices to be connected on the same I2C bus.
ADDR is not available for all configurations.
The device address format:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DevADDR6
DevADDR5
DevADDR4
DevADDR3
DevADDR2
DevADDR1
DevADDR0
R/W
0
1
0
1
0
0
ADDR0
0/1
The register address format:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
RegADDR7
RegADDR6
RegADDR5
RegADDR4
RegADDR3
RegADDR2
RegADDR1
RegADDR0
The register data format:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34