| データシートサーチシステム |
|
CY8CKIT-059 データシート(PDF) 37 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8CKIT-059 データシート(HTML) 37 Page - Cypress Semiconductor |
|
37 / 48 page ![]() CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G 37 Code Examples 5.3 CE195277_ADC_and_UART This code example implements a simple data collection system using the DelSig ADC and the UART component. The ADC continuously samples an analog input. The resulting samples can be sent to a PC over a UART connection a single sample at a time or continuously. Emulated data, which is just an incrementing number, can also be sent over the UART connection to test the communication. The USB-UART Bridge in the KitProg is used to create an RS-232 connection to a terminal program on a PC. The terminal program is used to send commands to get the ADC sample data and read the resulting responses. Figure 5-9. TopDesign CE195277_ADC_and_UART For detailed operation, refer to the CE195277_ADC_and_UART.pdf from PSoC Creator. |