| データシートサーチシステム |
|
CY8CKIT-059 データシート(PDF) 27 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8CKIT-059 データシート(HTML) 27 Page - Cypress Semiconductor |
|
27 / 48 page ![]() CY8CKIT-059 PSoC® 5LP Prototyping Kit Guide, Doc. #: 001-96498 Rev. *G 27 Hardware 4.2.5.3 Functionality of J8 and J9 Headers (KitProg) The KitProg board contains two dual-inline headers (J8 and J9). These headers are both 1x7-pin- headers, used to pull out several pins of PSoC 5LP to support advanced features like a low-speed oscilloscope and a low-speed digital logic analyzer. This header also contains the KitProg bridge pins that can be used when the two boards are separated. The J8 and J9 headers support 100-mil spacing, so you can solder connectors to connect the KitProg board to any development breadboard. Figure 4-7. J8 and J9 Headers Table 4-5. Pin Details of J9 Table 4-6. Pin Details of J8 KitProg GPIO Header (J9) Pin Signal Description J9_01 VBUS Power J9_02 GND Ground J9_03 P12.5 GPIO J9_04 P12.0 GPIO/I2C_SCL J9_05 P12.1 GPIO/I2C_SDA J9_06 P12.6 GPIO/UART_RX J9_07 P12.7 GPIO/UART_TX KitProg GPIO Header (J8) Pin Signal Description J8_01 GND Ground J8_02 P3.0 GPIO J8_03 P3.4 GPIO J8_04 P3.5 GPIO J8_05 P3.6 GPIO J8_06 P0.0 GPIO J8_07 P0.1 GPIO |