| データシートサーチシステム |
|
LS1020A データシート(PDF) 29 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1020A データシート(HTML) 29 Page - Freescale Semiconductor, Inc |
|
29 / 71 page ![]() Architecture TWR-LS1021A Reference Manual, Rev. 0 2-14 Freescale Semiconductor Figure 2-8. Ethernet MII routing 2.10.1 IEEE-1588™ support The LS1021A/LS1020A includes support for the IEEE 1588 precision time protocol (PTP). This facility works in tandem with the internal Ethernet controllers to time-stamp incoming packets. This is supported at a basic level with internal logic and the use of a precision 125.00 MHz reference clock, accurate to ±25 ppm. Figure 2-9 shows an overview of the IEEE 1588 block. |