| データシートサーチシステム |
|
LS1020A データシート(PDF) 43 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
LS1020A データシート(HTML) 43 Page - Freescale Semiconductor, Inc |
|
43 / 71 page ![]() Architecture TWR-LS1021A Reference Manual, Rev. 0 2-28 Freescale Semiconductor Figure 2-21. MBED architecture MBED is managed by a Kinetis K20 MCU built on the ARM® Cortex™-M4 core. The Kinetis K20 includes an integrated USB controller that can operate at clock rates up to 50MHz. The MBED circuit includes a status LED and a pushbutton. The pushbutton asserts the Reset signal to the target processor. GPIO signals provide an interface to either a JTAG debug port on a target processor. Additionally, signal connections are available to implement a UART serial channel. MBED features a mass storage device (MSD) bootloader, which provides a quick and easy mechanism for loading different MBED Applications such as flash programmers, run-control debug interfaces, serial-to-USB converters, and more. |