データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPET1203 データシート(PDF) 1 Page - Toppower Electronic Technology Limited

部品番号 TPET1203
部品情報  1W 3KVDC Isolated Single Output SMD DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOPPOWER [Toppower Electronic Technology Limited]
ホームページ  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPET1203 データシート(HTML) 1 Page - Toppower Electronic Technology Limited

  TPET1203 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPET1203 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPET1203 Datasheet HTML 3Page - Toppower Electronic Technology Limited TPET1203 Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPET Series
www.gztoppower.com
TEL:0086-20-82019000
EMAIL:sales2@gztoppower.com
page 1 of 4
DESCRIPTION:
Miniature surface mounted DC/DC Converters are an ideal and economical solution for many applications where
noise reduction, voltage isolation, voltage conversion in distributed power systems is required. these converters
are qualified for the higher temperatures requested by lead-free reflow solder processes, especially for
automated SMD production lines.
1W 3KVDC Isolated Single Output SMD DC/DC Converters
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
V
V
mA
%
TPET0303
3.3
3.3
303/30.3
70
TPET0305
3.3
5
201/20.1
70
TPET0309
3.3
9
111/11.1
72
TPET0312
3.3
12
83/8.3
75
TPET0315
3.3
15
67/6.7
80
TPET0524
5
24
42/4.2
70
TPET0503
5
3.3
303/30.3
70
TPET0505
5
5
200/20
70
TPET0506
5
6
167/17
80
TPET0509
5
9
111/11.1
72
TPET0512
5
12
84/8.4
75
TPET0515
5
15
66/6.6
80
TPET1203
12
3.3
303/30.3
70
TPET1205
12
5
200/20
70
TPET1209
12
9
111/11.1
72
TPET1212
12
12
83/8.3
75
TPET1215
12
15
66/6.6
80
TPET1505
15
5
201/20.1
70
TPET1515
15
15
66/6.6
80
TPET2403
24
3.3
303/30.3
70
TPET2405
24
5
200/20
70
TPET2409
24
9
111/11.1
72
TPET2412
24
12
83/8.3
75
TPET2415
24
15
66/6.6
80
Add suffix “P” for continuous short circuit protection, for example TPET0505P. Add suffix “X” has not 5,10,12 pin, for example TPET0505X.
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input variants
2.9
3.3
3.6
V
Voltage range
5V input variants
4.5
5.0
5.5
V
Voltage range
12V input variants
11
12.0
13.3
V
Voltage range
15V input variants
13.4
15
16.4
V
Voltage range
24V input variants
21.6
24
26.4
V
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 second
3000
VDC
Resistance
Viso= 1000VDC
1
GΩ
FEATURES
RoHS compliant、CE certification
Efficiency up to 80%
Single isolated output
3KVDC isolation
Custom solutions available
Power density 1.8W/cm3
UL 94V-0 package material
Footprint over pins 1.37cm2
Operating temperature: -40℃to 105℃
Input voltage: 3.3V, 5V,12V,15V,24V
Output voltage:3.3V, 5V, 9V, 12V,15V,24V
/
TOPPOWER


同様の部品番号 - TPET1203

メーカー部品番号データシート部品情報
logo
Toppower Electronic Tec...
TPET1203 TOPPOWER-TPET1203 Datasheet
190Kb / 3P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET1203 TOPPOWER-TPET1203 Datasheet
722Kb / 3P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET1203 TOPPOWER-TPET1203 Datasheet
249Kb / 4P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET1203-W2 TOPPOWER-TPET1203-W2 Datasheet
165Kb / 3P
0.25W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET1203-W5 TOPPOWER-TPET1203-W5 Datasheet
208Kb / 3P
0.5W 3KVDC Isolated Single Output SMD DC/DC Converters
More results

同様の説明 - TPET1203

メーカー部品番号データシート部品情報
logo
C&D Technologies
NMV-1 CANDD-NMV-1 Datasheet
121Kb / 2P
3kVDC Isolated 1W Single & Dual Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
3kVDC Isolated 1W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPET TOPPOWER-TPET Datasheet
190Kb / 3P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPF TOPPOWER-TPF Datasheet
655Kb / 3P
1W 3KVDC Isolated Regulated Single Output DC/DC Converters
TPV24V TOPPOWER-TPV24V Datasheet
677Kb / 3P
1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPAT TOPPOWER-TPAT Datasheet
436Kb / 4P
1W 3KVDC Isolated Dual Output SMD DC/DC Converters
TPAT-A TOPPOWER-TPAT-A Datasheet
435Kb / 4P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_19 Datasheet
722Kb / 3P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPET TOPPOWER-TPET_V02 Datasheet
249Kb / 4P
1W 3KVDC Isolated Single Output SMD DC/DC Converters
TPR-1W TOPPOWER-TPR-1W Datasheet
778Kb / 4P
1W 3KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com