| データシートサーチシステム |
|
LM6800AGW-6 データシート(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
LM6800AGW-6 データシート(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd |
|
9 / 10 page ![]() TOPWAY LCD Module User Manual LM6800AFW-5 URL: www.topwaydisplay.com www.topwaysz.com Document Name: LM6800AGW-6-Manual-Rev0.1.DOC Page: 9 of 10 4.6 Display Control Instructions Code Instructions Function Display on/off 0 0 0 0 1 1 1 1 1 1/0 Controls the display on or off. Internal status and display data in RAM is not affected 0=off, 1=on Set Column (Y) Address 0 0 0 1 Y address (0-63) Set the Column address into the Y address counter Set Page (X) Address 0 0 1 0 1 1 1 X address (0-7) Set the Page address into the X address register Set Display Start Line (Z address) 0 0 1 1 Z address (0-63) Indicates the display data RAM displayed at the top of the screen Status Read 0 1 0 0 000 Read status Busy=L, Driver ready; Busy=H, Driver busy on/off=L, Display is on; on/off=H, Display is off Reset=L, Normal Running; Reset=H, reset Write Display Data 1 0 Write data Write display data into display data RAM, After writing instruction, Y address counter increased by 1 automatically Read Display Data 1 1 Read data Read display data form the display data RAM Note: *1. For the details of the Display Control Instructions, please refer to Samsung S6B0108 handbook. |