| データシートサーチシステム |
|
HPC-DEV-ISE2 データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
HPC-DEV-ISE2 データシート(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 30 page ![]() Absolute Maximum Ratings If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Total Allowable Source or Sink Current 100 mA Storage Temperature Range b 65 Cto a150 C Lead Temperature (Soldering 10 sec) 300 C VCC with Respect to GND b 05V to 70V All Other Pins (VCC a 05)V to (GND b 05)V Note Absolute maximum ratings indicate limits beyond which damage to the device may occur DC and AC electri- cal specifications are not ensured when operating the de- vice at absolute maximum ratings DC Electrical Characteristics VCC e 50V g10% unless otherwise specified TA e 0 Cto a70 C for HPC46400E b40 Cto a85 C for HPC36400E Symbol Parameter Test Conditions Min Max Units ICC1 Supply Current VCC e 55V fin e 200 MHz (Note 1) 70 mA VCC e 55V fin e 20 MHz (Note 1) 10 mA ICC2 IDLE Mode Current VCC e 55V fin e 200 MHz (Note 1) 10 mA VCC e 55V fin e 20 MHz (Note 1) 2 mA ICC3 HALT Mode Current VCC e 55V fin e 0 kHz (Note 1) 500 m A VCC e 25V fin e 0 kHz (Note 1) 150 m A INPUT VOLTAGE LEVELSSCHMITT TRIGGERED RESET WO D0 NMI I2 I3 AND ALSO CKI VIH1 Logic High 09 VCC V VIL1 Logic Low 01 VCC V INPUT VOLTAGE LEVELSPORT A VIH2 Logic High 20 V VIL2 Logic Low 08 V INPUT VOLTAGE LEVELSALL OTHERS VIH3 Logic High 07 VCC V VIL3 Logic Low 02 VCC V ILI Input Leakage Current (Note 2) g 1 m A CI Input Capacitance (Note 3) 10 pF CIO IO Capacitance (Note 3) 20 pF OUTPUT VOLTAGE LEVELS VOH1 Logic High (CMOS) IOH eb10 mA (Note 3) VCC b 01 V VOL1 Logic Low (CMOS) IOL e 10 mA (Note 3) 01 V VOH2 Port AB Drive CK2 IOH eb1 mA 24 V VOL2 (A0–A15 B10 B11 B12 B15) IOL e 3 mA 04 V VOH3 Other Port Pin Drive WO (open drain) IOH eb16 mA (except WO) 24 V VOL3 (B0–B9 B13 B14 R0–R7 D5 D7) IOL e 05 mA 04 V VOH4 ST1 and ST2 Drive IOH eb6 mA 24 V VOL4 IOL e 16 mA (Note 4) 04 V VRAM RAM Keep-Alive Voltage (Note 5) 25 V IOZ TRI-STATE Leakage Current VIN e 0 and VIN e VCC g 5 m A Note 1 ICC1 ICC2 ICC3 measured with no external drive (IOH and IOL e 0 IIH and IIL e 0) ICC1 is measured with RESET e VSS ICC3 is measured with NMI e VCC CKI driven to VIH1 and VIL1 with rise and fall times less than 10 ns Note 2 RDY HLD and RDY I4 pins have internal pullups and meet this spec only at VIN e VCC Note 3 These parameters are guaranteed by design and are not tested Note 4 ST2 drive will not meet this spec under condition of RESET pin e low Note 5 Test duration is 100 ms 2 |