データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HPC-DEV-ISE2 データシート(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 HPC-DEV-ISE2
部品情報  High-Performance Communications MicroController
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC-DEV-ISE2 データシート(HTML) 10 Page - National Semiconductor (TI)

Back Button HPC-DEV-ISE2 Datasheet HTML 6Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 7Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 8Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 9Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 10Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 11Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 12Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 13Page - National Semiconductor (TI) HPC-DEV-ISE2 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Pin Descriptions
IO PORTS
Port A is a 16-bit multiplexed addressdata bus used for
accessing external program and data memory Four associ-
ated bus control signals are available on port B The Ad-
dress Latch Enable (ALE) signal is used to provide timing to
demultiplex the bus Reading from and writing to external
memory are signalled by RD and WR respectively External
memory can be addressed as either bytes or words with the
decoding controlled by two lines Bus High Byte enable
(HBE) and AddressData Line 0 (A0)
Port B is a 16-bit port with 12 bits of bidirectional IO Pins
B10 B11 B12 and B15 are the control bus signals for the
addressdata bus Port B may also be configured via a func-
tion register BFUN to individually allow each bidirectional
IO pin to have an alternate function
B0
TDX
UART Data Output
B1
CFLG1
Closing Flag Output for HDLC
1
Transmitter
B2
CKX
UART Clock (Input or Output)
B3
T2IO
Timer2 IO Pin
B4
T3IO
Timer3 IO Pin
B5
SO
MICROWIREPLUS Output
B6
SK
MICROWIREPLUS Clock (Input or
Output)
B7
HLDA
Hold Acknowledge Output
B8
TS0
Timer Synchronous Output
B9
TS1
Timer Synchronous Output
B10
ALE
Address Latch Enable Output for
AddressData Bus
B11
WR
AddressData Bus Write Output
B12
HBE
High Byte Enable Output for Address
Data Bus also 8-Bit Mode Strap Input
on Reset
B13
TS2
Timer Synchronous Output
B14
TS3
Timer Synchronous Output
B15
RD
AddressData Bus Read Output
When operating in the extended memory addressing mode
four bits of port B can be used as follows
B8
BS0
Memory bank switch output 0 (LSB)
B9
BS1
Memory bank switch output 1
B13
BS2
Memory bank switch output 2
B14
BS3
Memory bank switch output 3 (MSB)
Port I is an 8-bit input port that can be read as general
purpose inputs and can also be used for the following func-
tions
I0
HCK2
HLDC
2 Clock Input
I1
NMI
Nonmaskable Interrupt Input
I2
INT2
Maskable InterruptInput Capture
I3
INT3
Maskable InterruptInput Capture
I4
INT4RDY Maskable InterruptInput Capture
Ready Input
I5
SI
MICROWIREPLUS Data Input
I6
RDX
UART Data Input
I7
HCK1
HDLC
1 Clock and Serial Decoder
Clock Input
Port D is an 8-bit input port that can be read as general
purpose inputs and can also be used for the following func-
tions
D0
REN1FS
Receiver
1 EnableSerial Decoder
RHCK1
Frame Sync InputReceiver
1 Clock
Input
D1
TEN1
Transmitter
1 Enable Input
D2
REN2
Receiver
2 Enable InputReceiver
RHCK2
2 Clock Input
D3
TEN2
Transmitter
2 Enable Input
D4
RX1
Receiver
1 Data Input
D5
TX1
Transmitter
1 Data Output
D6
RX2
Receiver
2 Data Input
D7
TX2
Transmitter
2 Data Output
Note
Any of these pins can be read by software Therefore unused func-
tions can be used as general purpose inputs notably external enable
lines when the internal serial decoder is used
Port R is an 8-bit bidirectional IO port available for general
purpose IO operations Port R has a direction register to
enable each separate pin to be individually defined as an
input or output It has a data register which contains the
value to be output In addition the Port R pins can be read
directly using the Port R pins address
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30