| データシートサーチシステム |
|
EM78P451SWM データシート(PDF) 29 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P451SWM データシート(HTML) 29 Page - ELAN Microelectronics Corp |
|
29 / 54 page ![]() EM78P451S 8-Bit Microcontroller with OTP ROM Product Specification (V1.0) 06.01.2004 • 25 (This specification is subject to change without further notice) Fig. 14 SPI Mode with /SS Enable 4.5.6 Software Application of SPI Example for SPI: For Master ORG 0X0 SETTING: CLRA IOW 0X05 ;Set Port5 output IOW 0X06 ;Set Port6 output MOV 0X05,A MOV A,@0B11001111 ;Set prescaler for WDT CONTW MOV A,@0B00010001 ;Disable wakeup function IOW 0X0E MOV A,@0B00000000 ;Disable interrupt IOW 0X0F MOV A,@0x07 ;SDI input and SDO, SCK output IOW 0x09 MOV A,@0B10000000 ;Clear RBF and RBFIF flag |