| データシートサーチシステム |
|
EM78P451SWM データシート(PDF) 38 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P451SWM データシート(HTML) 38 Page - ELAN Microelectronics Corp |
|
38 / 54 page ![]() EM78P451S 8-Bit Microcontroller with OTP ROM 34 • Product Specification (V1.0) 06.01.2004 (This specification is subject to change without further notice) Address Name Reset Type Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Wake-Up from Pin Change P P P P P P P P Bit Name C97 C96 C95 C94 C93 C92 C91 C90 N/A IOC9 Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 Wake-Up from Pin Change P P P P P P P P Bit Name /PHE N /INT - - PAB PSR 2 PSR 1 PSR 0 N/A CONT Power-On 1 0 1 1 1 1 1 1 /RESET and WDT 1 P 1 1 1 1 1 1 Wake-Up from Pin Change PPPPP P P P Bit Name - - - - - - - - 0x00 R0(IAR) Power-On U U U U U U U U /RESET and WDT PPPPP P P P Wake-Up from Pin Change PPPPP P P P Bit Name - - - - - - - - 0x01 R1(TCC) Power-On 0 0 0 0 0 0 0 0 /RESET and WDT 0 0 0 0 0 0 0 0 Wake-Up from Pin Change PPPPP P P P Bit Name - - - - - - - - 0x02 R2(PC) Power-On 1 1 1 1 1 1 1 1 /RESET and WDT 1 1 1 1 1 1 1 1 Wake-Up from Pin Change **P **P **P **P **P **P **P **P Bit Name GP PS1 PS0 T P Z DC C 0x03 R3(SR) Power-On 0 0 0 t t U U U /RESET and WDT 0 0 0 t t P P P Wake-Up from Pin Change P P P t t P P P Bit Name RSR. 1 RSR. 0 - - - - - - 0x04 R4(RSR) Power-On 0 0 U U U U U U /RESET and WDT 0 0 P P P P P P Wake-Up from Pin Change PPPPP P P P Bit Name P57 P56 P55 P54 P53 P52 P51 P50 0x05 R5(P5) Power-On U U U U U U U U /RESET and WDT P P P P P P P P Wake-Up from Pin Change P P P P P P P P Bit Name P67 P66 P65 P64 P63 P62 P61 P60 0x06 R6(P6) Power-On U U U U U U U U /RESET and WDT PPPPP P P P Wake-Up from Pin Change PPPPP P P P Bit Name P77 P76 P75 P74 P73 P72 P71 P70 0x07 R7(P7) Power-On U U U U U U U U /RESET and WDT PPPPP P P P Wake-Up from Pin Change PPPPP P P P Bit Name P87 P86 P85 P84 P83 P82 P81 P80 0x08 R8(P8) Power-On U U U U U U U U /RESET and WDT PPPPP P P P |