データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AXP1G08 データシート(PDF) 13 Page - Nexperia B.V. All rights reserved

部品番号 74AXP1G08
部品情報  Low-power 2-input AND gates
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP1G08 データシート(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74AXP1G08 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AXP1G08 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AXP1G08 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP1G08 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP1G08 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP1G08 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP1G08 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP1G08 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP1G08 Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
74AXP1G08
Low-power 2-input AND gates
References
Outline
version
European
projection
Issue date
IEC
JEDEC
EIAJ
SOT1226
sot1226_po
12-04-10
12-04-25
Unit
mm
max
nom
min
0.35
0.85
0.80
0.75
0.04
0.30
0.25
0.20
0.85
0.80
0.75
0.27
0.22
0.17
0.05
A(1)
Dimensions
Note
1. Dimension A is including plating thickness.
2. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
SOT1226
A1
A3
0.128
0.040
D
Dh
E
b
e
0.48
k
L
v
0.1
w
y
0.05 0.05
scale
0
1 mm
X
terminal 1
index area
D
E
A
B
detail X
A
A1
A3
C
y
C
y1
5
4
terminal 1
index area
L
b
e
A
C
B
v
C
w
2
1
0.20
0.27
0.22
0.17
y1
X2SON5: plastic thermal enhanced extremely thin small outline package; no leads;
5 terminals; body 0.8 x 0.8 x 0.35 mm
3
Fig. 16. Package outline SOT1226 (X2SON5)
74AXP1G08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2019. All rights reserved
Product data sheet
Rev. 3 — 18 March 2019
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16