| データシートサーチシステム |
|
P89C60X2BA/00 データシート(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
P89C60X2BA/00 データシート(HTML) 4 Page - NXP Semiconductors |
|
4 / 56 page ![]() Philips Semiconductors Product data P89C60X2/61X2 80C51 8-bit Flash microcontroller family 64KB Flash, 512B/1024B RAM 2003 Sep 11 4 P89C60X2 ORDERING INFORMATION Type number Package Temperature R( °C) Name Description Version Range ( °C) P89C60X2BA/00 PLCC44 plastic leaded chip carrier; 44 leads SOT187-2 0 to +70 P89C60X2BN/00 DIP40 plastic dual in-line package; 40 leads SOT129-1 0 to +70 P89C60X2BBD/00 LQFP44 plastic low profile quad flat package; 44 leads SOT389-1 0 to +70 P89C61X2 ORDERING INFORMATION Type number Package Temperature R( °C) Name Description Version Range ( °C) P89C61X2BA/00 PLCC44 plastic lead chip carrier; 44 leads SOT187-2 0 to +70 P89C61X2BN/00 DIP40 plastic dual in-line package; 40 leads SOT129-1 0 to +70 P89C61X2BBD/00 LQFP44 plastic low profile quad flat package; 44 leads SOT389-1 0 to +70 PART NUMBER DERIVATION Memory Temperature Range Package P89C60X2 9 = Flash 0 = 512 bytes RAM 64 kbytes FLASH 1= 1024 bytes RAM 64 kbytes FLASH X2 = 6-clock mode available B = 0 °C to +70 °C A = PLCC BD = LQFP The following table illustrates the correlation between operating mode, power supply and maximum external clock frequency: Operating Mode Power Supply Maximum Clock Frequency 6-clock 5 V ± 10% 20 MHz 12-clock 5 V ± 10% 33 MHz |