データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P89C60X2BA/00 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 P89C60X2BA/00
部品情報  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2BA/00 データシート(HTML) 11 Page - NXP Semiconductors

Back Button P89C60X2BA/00 Datasheet HTML 7Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 8Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 9Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 10Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 11Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 12Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 13Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 14Page - NXP Semiconductors P89C60X2BA/00 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
11
NOTES:
Special Function Registers (SFRs) accesses are restricted in the following ways:
1. Do not attempt to access any SFR locations not defined.
2. Accesses to any defined SFR locations must be strictly for the functions for the SFRs.
3. SFR bits labeled ‘–’, ‘0’ or ‘1’ can ONLY be written and read as follows:
‘–’ MUST be written with ‘0’, but can return any value when read (even if it was written with ‘0’). It is a reserved bit and may be used in
future derivatives.
‘0’ MUST be written with ‘0’, and will return a ‘0’ when read.
‘1’ MUST be written with ‘1’, and will return a ‘1’ when read.
*: SFRs are bit addressable.
#: SFRs are modified from or added to the 80C51 SFRs.
–: Reserved bits (see note above).
1: Reset value depends on reset source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56