データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3000N データシート(PDF) 30 Page - STMicroelectronics

部品番号 L3000N
部品情報  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000N データシート(HTML) 30 Page - STMicroelectronics

Back Button L3000N Datasheet HTML 24Page - STMicroelectronics L3000N Datasheet HTML 25Page - STMicroelectronics L3000N Datasheet HTML 26Page - STMicroelectronics L3000N Datasheet HTML 27Page - STMicroelectronics L3000N Datasheet HTML 28Page - STMicroelectronics L3000N Datasheet HTML 29Page - STMicroelectronics L3000N Datasheet HTML 30Page - STMicroelectronics L3000N Datasheet HTML 31Page - STMicroelectronics L3000N Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
DIP28 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.63
0.025
b
0.45
0.018
b1
0.23
0.31
0.009
0.012
b2
1.27
0.050
D
37.34
1.470
E
15.2
16.68
0.598
0.657
e
2.54
0.100
e3
33.02
1.300
F
14.1
0.555
I
4.445
0.175
L
3.3
0.130
L3000N - L3092
30/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32