データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3000N データシート(PDF) 31 Page - STMicroelectronics

部品番号 L3000N
部品情報  SLIC KIT OPTIMIZED FOR APPLICATIONS WITH BOTH FIRST AND SECOND GENERATION COMBOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3000N データシート(HTML) 31 Page - STMicroelectronics

Back Button L3000N Datasheet HTML 24Page - STMicroelectronics L3000N Datasheet HTML 25Page - STMicroelectronics L3000N Datasheet HTML 26Page - STMicroelectronics L3000N Datasheet HTML 27Page - STMicroelectronics L3000N Datasheet HTML 28Page - STMicroelectronics L3000N Datasheet HTML 29Page - STMicroelectronics L3000N Datasheet HTML 30Page - STMicroelectronics L3000N Datasheet HTML 31Page - STMicroelectronics L3000N Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
H1
H2
H3
Dia.2
Dia.4
H4
Dia.3
G
G1
D
D
F1
A
E
B
FLEX15
b1
F
FLEXIWATT 15 PACKAGE MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.00
0.196
B
1.90
0.074
b1
0.1
0.004
D4
° (typ.)
E
0.30
0.012
F
0.90
0.035
F1
0.57
0.022
G
1.77
1.9
2.03
0.070
0.075
0.080
G1
26.77
1.054
H1
29.00
1.142
H2
28.00
1.102
H3
17.00
0.669
H4
0.80
0.031
L
19.05
19.95
0.75
0.785
L1
1.10
1.40
0.043
0.055
L2
2.60
2.90
0.102
0.114
L3
15.35
15.65
0.604
0.616
N1
10
0.394
N3
6.8
0.268
N4
3.8
0.15
Dia1
13.00
0.511
Dia2
14.00
0.551
Dia3
2.50
0.098
Dia4
12.00
0.472
L3000N - L3092
31/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32