データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RF-OUB170TS-CE データシート(PDF) 18 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

部品番号 RF-OUB170TS-CE
部品情報  The Colour LED which was fabricated using a orange chipPackage Dimension
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  REFOND [SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.]
ホームページ  http://www.refond.com/
Logo REFOND - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

RF-OUB170TS-CE データシート(HTML) 18 Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.

Back Button RF-OUB170TS-CE Datasheet HTML 13Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 14Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 15Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 16Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 17Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 18Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 19Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 20Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD. RF-OUB170TS-CE Datasheet HTML 21Page - SHENZHEN REFOND OPTOELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Tel: +86-755-66839118
Fax:+86-755-66839300
E-mail:sales@refond.com
Web: www.refond.com
PAGE:18
REFOND:WI-E-045
A/3
REV:E/2
TG-201702280165EP
(4) In designing a circuit,the current through each LED can not exceed the absolute maximum
rating specified for each LED. In the meanwhile,resistors for protection should be applied,
otherwise slight voltage shift will cause big current change,burn out may happen. The driving
circuit must be designed to allow forward voltage only when it is ON or OFF.If the reverse voltage
is applied to LED, migration can be generated resulting in LED damage.
(5) Thermal Design is paramount importance because heat generation may result in the
Characteristics decline,such as brightness decreased,Color change and so on.Please consider
the heat generation of the LEDs when making the system design.LED
(6) Storage
Table 4-1 Storage
Conditions
Temperature
Humidity
Time
Storage
Before Opening Aluminum Bag
30
75%
Within 1 Year From Date
After Opening Aluminum Bag
30
60%
168hours
168
Baking
60
5
-
24hours
24
(7) If the moisture absorbent material(silica gel)has faded away or the LEDs have exceeded
the storage time,baking treatment should be performed after unpacking and based on the
following condition(60±5)℃ for above 24 hours.
If the package is flatulence or damaged,please notify the sales staff to assist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com