| データシートサーチシステム |
|
AFSC5G35D35 データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AFSC5G35D35 データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 12 page ![]() 2 RF Device Data NXP Semiconductors AFSC5G35D35 (Top View) RFin VDP1 VDP2 N.C. GND 5 4 3 2 1 GND GND GND RFout GND 14 15 16 17 18 Pin 1 index area (Bottom View) 16 14 15 17 18 5 4 3 2 1 27 Pin 1 index area Figure 1. Pin Connections Note: Exposed backside of the package is DC and RF ground. (1) 1. VDP2 and VDC2 are DC coupled internal to the package and must be powered by a single DC power supply. |