データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AFSC5G35D35 データシート(PDF) 6 Page - NXP Semiconductors

部品番号 AFSC5G35D35
部品情報  Power Amplifier Module for LTE and 5G
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFSC5G35D35 データシート(HTML) 6 Page - NXP Semiconductors

Back Button AFSC5G35D35 Datasheet HTML 2Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 3Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 4Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 5Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 6Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 7Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 8Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 9Page - NXP Semiconductors AFSC5G35D35 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
RF Device Data
NXP Semiconductors
AFSC5G35D35
Figure 2. AFSC5G35D35 Reference Circuit Component Layout
N.C.
VDP
RFIN
VGP2
VGP1 VGC1 VGC2
RFOUT
VDC
N.C.
R1
B1
C3
C6
C15
C16
C17
B2
C13
R4
R5
R6
R7
R8
C10
C14
C1
C4
D98121
Rev. 3.0
aaa-030694
Q1
Table 7. AFSC5G35D35 Reference Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1, B2
30  Ferrite Bead
BLM15PD300SN1
Murata
C1, C14
10 F Chip Capacitor
CL31A106KBHNNNE
Samsung
C3, C4, C10, C13
1 F Chip Capacitor
06035D105KAT2A
AVX
C6, C15, C16, C17
0.1 F Chip Capacitor
GRM155R61H104KE14
Murata
Q1
Power Amplifier Module
AFSC5G35D35
NXP
R1, R4
5.1 , 1/10 W Chip Resistor
ERJ-2GEJ5R1X
Panasonic
R5, R6, R7, R8
2.2 k, 1/20 W Chip Resistor
ERJ-1GEJ222C
Panasonic
PCB
Rogers RO4350B, 0.020, r =3.67
D98121
MTL
Note: Component numbers C2, C5, C7, C8, C9, C11, C12, R2 and R3 are intentionally omitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12