| データシートサーチシステム |
|
60MT100KB データシート(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
60MT100KB データシート(HTML) 2 Page - International Rectifier |
|
2 / 7 page ![]() 60-70MT..KB Series 2 Bulletin I27500 rev. A 05/03 www.irf.com ELECTRICAL SPECIFICATIONS Voltage Ratings Voltage V RRM , maximum repetitive V RSM , maximum non- I RRM max. Type number Code peak reverse voltage repetitive peak rev. voltage @ T J max. VV mA 80 800 900 100 1000 1100 60-70MT..KB 120 1200 1300 10 140 1400 1500 160 1600 1700 I O Maximum DC output current 60 (75) 70 (90) A 120° Rect conduction angle @ Case temperature 85 (61) 85 (57) °C I FSM Maximum peak, one-cycle forward, 420 480 A t = 10ms No voltage non-repetitive surge current 440 500 t = 8.3ms reapplied 350 400 t = 10ms 100% V RRM 370 420 t = 8.3ms reapplied Initial T J = T J max. I2t Maximum I2t for fusing 870 1150 A2s t = 10ms No voltage 790 1050 t = 8.3ms reapplied 610 800 t = 10ms 100% V RRM 560 730 t = 8.3ms reapplied I2 √t Maximum I2 √t for fusing 8700 11300 A2 √s t = 0.1 to 10ms, no voltage reapplied VF(TO)1 Low level value of threshold voltage 0.85 0.86 V (16.7% x π x I F(AV) < I < π x I F(AV) ), @ T J max. VF(TO)2 High level value of threshold voltage 1.07 1.08 (I > π x I F(AV)), @ TJ max. rf1 Low level value of forward slope resistance 8.04 7.35 m Ω (16.7% x π x I F(AV) < I < π x IF(AV)), @ TJ max. rf2 High level value of forward slope resistance 7.08 6.53 (I > π x I F(AV)), @ TJ max. V FM Maximum forward voltage drop 1.75 1.55 V I pk = 100A, T J = 25°C, t p = 400µs single junction V INS RMS isolation voltage 4000 4000 V T J = 25°C, all terminal shorted f = 50Hz, t = 1s Parameter 60MT.KB 70MT.KB Units Conditions Forward Conduction Thermal and Mechanical Specifications T J Max. junction operating temperature range -40 to 150 °C Tstg Max. storage temperature range -40 to 150 °C RthJC Max. thermal resistance, junction to case 0.37 0.29 K/W DC operation per module 2.22 1.75 DC operation per junction 0.40 0.34 120° Rect condunction angle per module 2.42 2.01 120° Rect condunction angle per junction RthCS Max. thermal resistance, case to heatsink 0.03 K/W Per module Mounting surface smooth, flat and greased T Mounting torque ± 10% to heatsink 4 to 6 Nm to terminal 3 to 4 wt Approximate weight 176 g Parameter 60MT.KC 70MT.KC Units Conditions A mounting compound is recommended and the torque should be rechecked after a period of 3 hours to allow for the spread of the compound. Lubricated threads. |