| データシートサーチシステム |
|
60MT100KB データシート(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
60MT100KB データシート(HTML) 1 Page - International Rectifier |
|
1 / 7 page ![]() Major Ratings and Characteristics Parameters 60MT.KB 70MT.KB Units I O 60 (75) 70 (90) A @ T C 85 (61) 85 (57) °C I FSM @ 50Hz 420 480 A @ 60Hz 440 500 A I 2t @ 50Hz 870 1150 A 2s @ 60Hz 790 1050 A 2s I 2√t 8700 11500 A 2√s V RRM range 800 to 1600 V TSTG range - 40 to 150 °C T J range - 40 to 150 °C Features Package fully compatible with the industry standard INT-A- pak power modules series High thermal conductivity package, electrically insulated case Outstanding number of power encapsulated components Excellent power volume ratio, outline for easy connections to power transistor and IGBT modules 4000 V RMS isolating voltage UL E78996 approved Description A range of extremely compact, encapsulated three phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and heavy duty applications. 60 A 70 A THREE PHASE BRIDGE Bulletin I27500 rev. A 05/03 1 MT..KB SERIES Power Modules www.irf.com |
同様の部品番号 - 60MT100KB |
|
同様の説明 - 60MT100KB |