データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HT117 データシート(PDF) 1 Page - Hi-Sincerity Mocroelectronics

部品番号 HT117
部品情報  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HSMC [Hi-Sincerity Mocroelectronics]
ホームページ  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HT117 データシート(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HT117 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HT117 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HT117 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HT117 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HT200207
Issued Date : 2002.04.01
Revised Date : 2004.10.01
Page No. : 1/4
HT117
HSMC Product Specification
HT117
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The HT117 is designed for use in general purpose amplifier and low-speed
switching applications.
Absolute Maximum Ratings (T
A=25°C)
• Maximum Temperatures
Storage Temperature ................................................................... -55 ~ +150
°C
Junction Temperature .......................................................... +150
°C Maximum
• Maximum Power Dissipation
Total Power Dissipation (T
C=25°C) .................................................................................................................... 10 W
• Maximum Voltages and Currents
BV
CBO Collector to Base Voltage ...................................................................................................................... -100 V
BV
CEO Collector to Emitter Voltage................................................................................................................... -100 V
BV
EBO Emitter to Base Voltage ............................................................................................................................. -5 V
I
C Collector Current (Continue) ............................................................................................................................ -4 A
I
C Collector Current (Peak) .................................................................................................................................. -6 A
Electrical Characteristics (T
A=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BV
CBO
-100
-
-
V
I
C=-1mA
BV
CEO
-100
-
-
V
I
C=-30mA
I
CBO
--
-1
mA
V
CB=-100V
I
CEO
--
-2
mA
V
CE=-50V
I
EBO
--
-2
mA
V
EB=-5V
*V
CE(sat)
--
-2.5
V
I
C=-2A, IB=-8mA
*V
BE(on)
--
-2.8
V
I
C=-2A, VCE=-4V
*h
FE1
1-
-
K
I
C=-1A, VCE=-4V
*h
FE2
500
-
-
I
C=-2A, VCE=-4V
Cob
-
-
200
pF
V
CB=-10V, f=0.1MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
Darlington Schematic
TO-126
R2
R1
C
E
B


同様の部品番号 - HT117

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
HT11 TSC-HT11 Datasheet
62Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
272Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
549Kb / 2P
1.0 AMP. High Efficient Rectifiers
HT11 TSC-HT11 Datasheet
376Kb / 4P
High Efficient Rectifiers
logo
List of Unclassifed Man...
HT11-012 ETC2-HT11-012 Datasheet
83Kb / 3P
NEMA 11 High Torque Step Motor
More results

同様の説明 - HT117

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
MPSA194 UTC-MPSA194 Datasheet
53Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
G2N4403 GTM-G2N4403 Datasheet
112Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
G2N5401 GTM-G2N5401 Datasheet
147Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
G8550S GTM-G8550S Datasheet
174Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
GL4401 GTM-GL4401 Datasheet
164Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GL5401 GTM-GL5401 Datasheet
166Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM649A GTM-GM649A Datasheet
478Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM1426 GTM-GM1426 Datasheet
173Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GM2907A GTM-GM2907A Datasheet
214Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
GMBT1132 GTM-GMBT1132 Datasheet
257Kb / 3P
PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com