| データシートサーチシステム |
|
TLC3544CPWRG4 データシート(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC3544CPWRG4 データシート(HTML) 7 Page - Texas Instruments |
|
7 / 40 page ![]() TLC3544, TLC3548 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS SLAS266C – OCTOBER 2000 – REVISED MAY 2003 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 general electrical characteristics over recommended operating free-air temperature range, single-ended input, normal long sampling, 200 KSPS, AVDD = 5 V, external reference (VREFP = 4 V, VREFM = 0 V) or internal reference, SCLK frequency = 25 MHz, fixed channel at CONV mode 00, analog input signal source resistance = 25 Ω (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT Resolution 14 bits Analog Input Voltage range 0 Reference V Leakage current 0.01 0.05 µA Capacitance 30 pF Reference Internal reference voltage 3.85 4 4.07 V Internal reference temperature coefficient 100 ppm/ °C Internal reference source current 1.8 2.5 mA Internal reference startup time 20 ms VREFP External positive reference voltage 3 5 V VREFM External negative reference voltage 0 AGND V No conversion (AVDD = 5 V, CS = DVDD, SCLK = DGND) 100 M Ω External reference input impedance Normal long sampling (AVDD = 5 V, CS = DGND, SCLK = 25 MHz, External conversion clock) 8.3 12.5 k Ω External reference current No conversion (VREFP = AVDD = 5 V, VREFM = AGND, External reference, CS = DVDD) 1.5 µA External reference current Normal long sampling (AVDD = 5 V, CS = DGND, SCLK = 25 MHz external conversion clock at VREF = 5 V) 0.4 0.6 mA Throughput Rate f Internal oscillation frequency DVDD = 2.7 V to 5.5 V 6.5 MHz Internal OSC, 6.5 MHz minute 2.785 t(conv) Conversion time Conversion clock is external source, SCLK = 25 MHz (see Note 1) 2.895 µs Acquisition time Normal short sampling 1.2 µs Throughput rate (see Note 2) Normal long sampling, fixed channel in mode 00 or 01 200 KSPS DC Accuracy—Normal Long Sampling EL Integral linearity error See Note 3 –1 ±0.5 1 LSB ED Differential linearity error –1 ±0.5 1 LSB EO Zero offset error See Note 4 –3 ±0.6 3 LSB E(g+) Gain error See Note 4 0 5 12 LSB † All typical values are at TA = 25°C. NOTES: 1. Conversion time t(conv) = (18x4 / SCLK) + 15 ns. 2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required to overcome the memory effect of the charge redistribution DAC (refer to Figure 8). 3. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics. 4. Zero offset error is the difference between 0000000000000 and the converted output for zero input voltage; gain error is the difference between 11111111111111 and the converted output for full-scale input voltage. The full-scale input voltage is equal to the reference voltage being used. |