| データシートサーチシステム |
|
TLC3544CPWRG4 データシート(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC3544CPWRG4 データシート(HTML) 22 Page - Texas Instruments |
|
22 / 40 page ![]() TLC3544, TLC3548 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS SLAS266C – OCTOBER 2000 – REVISED MAY 2003 22 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operation cycle timing 4 SCLKs 4-bit Command 12-bit CFR Data (Optional) 12 SCLKs for Short 44 SCLKs for Long 4 SCLKs 12 SCLKs for Short 44 SCLKs for Long t–CSL to FSL SDI 2-bit Don’t Care 14-bit Data (Previous Conversion) SDO SDI SDO 15 ns 15 nS Active FS t(setup)† t(sample) t(convert) t(overhead) t(delay)† t(setup)† t(sample) t(convert) t(overhead) CSTAR (For Extended Sampling) occurs at or after the rising edge of eleventh SCLK CSTAR (For Extended Sampling) occurs at or after the rising edge of eleventh SCLK CS Initiates Operation FS Initiates Operation 18 OSC for Internal OSC† 72 SCLK for External Clock 18 OSC for Internal OSC 72 SCLK for External Clock 4-bit Command 12-bit CFR Data (Optional) 2-bit Don’t Care Active CS (FS Is Tied to High) Active CS (CS Can Be Tied to Low) † Non JEDEC terms used. 14-bit Data (Previous Conversion) After the operation is finished, the host has several choices. Table 3 summarizes operation options. |