| データシートサーチシステム |
|
DP83261AVF データシート(PDF) 33 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261AVF データシート(HTML) 33 Page - National Semiconductor (TI) |
|
33 / 132 page ![]() 60 Control Information (Continued) Compare Register (CMP) The Compare Register (CMP) is written with the contents of a conditional event latch registers when it is read The Compare Register may also be written to directly During a write to any of the conditional write registers the contents of the Compare Register (CMP) is compared with bits D0 – 7 of the accessed register Only bits for which the comparison matches can be written to a new value ACCESS RULES Address Read Write 08h Always Always REGISTER BITS D7 D6 D5 D4 D3 D2 D1 D0 CMP7 CMP6 CMP5 CMP4 CMP3 CMP2 CMP1 CMP0 33 |