| データシートサーチシステム |
|
DP83261AVF データシート(PDF) 74 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83261AVF データシート(HTML) 74 Page - National Semiconductor (TI) |
|
74 / 132 page ![]() 70 Signal Descriptions (Continued) PH DATARequest The Ring Engine generates the 10 bit byte stream as defined in Table 7-2 Note that all symbol pairs are either control or data symbol pairs Mixed datacontrol symbol pairs are never generated or repeated by the Ring Engine TABLE 7-2 Internal PHY Request Coding Value PRP PRC PRD(7 – 4) PRD(3 – 0) Type 0 1 0 0000 0000 Data Symbol Pair 1 0 0 0000 0001 Data Symbol Pair 254 0 0 1111 1110 Data Symbol Pair 255 1 0 1111 1111 Data Symbol Pair JK 0 1 1101 1101 Start Delimiter II 0 1 1010 1010 Idle Symbols RR 0 1 0110 0110 Frame Status RS 1 1 0110 0111 Frame Status RT 0 1 0110 0101 Frame Status SS 0 1 0111 0111 Frame Status SR 1 1 0111 0110 Frame Status ST 1 1 0111 0101 Frame Status TR 0 1 0101 0110 Ending Delimiter TS 1 1 0101 0111 Ending Delimiter TT 0 1 0101 0101 Ending Delimiter Where PRP PHY Request Parity bit parity for all symbol pairs is ODD PRC PHY Request control bit 0eldata byte 1elcontrol byte PRD(7 – 0) PHY Request Data (7 – 0) The Ring Engine can repeat the RS RT and ST symbol pairs but does not create them 74 |