| データシートサーチシステム |
|
8EWF12STR データシート(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
8EWF12STR データシート(HTML) 6 Page - International Rectifier |
|
6 / 8 page ![]() 6 Bulletin I2203 03/05 8EWF12SPbF QUIET IR Series www.irf.com 8EWF12S ASSEMBLED ON WW 12, 2003 THIS IS A 8EWF12S WITH LOT CODE 5K3A RECTIFIER LOGO LOT CODE ASSEMBLY INTERNATIONAL PART NUMBER DATE CODE P = LEAD-FREE YEAR 3 = 2003 WEEK 12 LINE C IN THE ASSEMBLY LINE "C" Dimensions in millimeters and (inches) Outline Table 6.73 (0.26) 6.35 (0.25) 5.46 (0.21) 5.21 (0.20) 4 1.27 (0.05) 0.88 (0.03) 5.97 (0.23) 1 - Anode 2 - Cathode 3 - Anode 4 - Cathode 1.64 (0.02) 1.52 (0.06) 1.15 (0.04) 1.14 (0.04) 0.76 (0.03) 2x 2.28 (0.09) 2x 0.89 (0.03) 0.64 (0.02) 3x 4.57 (0.18) 123 6.22 (0.24) 2.38 (0.09) 2.19 (0.08) 6.45 (0.24) 5.68 (0.22) 10.42 (0.41) 9.40 (0.37) 0.46 (0.02) 0.58 (0.02) 1.14 (0.04) 0.89 (0.03) 0.51 (0.02) MIN. 0.58 (0.02) 0.46 (0.02) MINIMUM RECOMMENDED FOOTPRINT 5.97 (0.24) 10.67 (0.42) 1.65 (0.06) 6.48 (0.26) 2x 2.54 (0.10) 2x 2.28 (0.09) 2x BASE CATHODE CATHODE ANODE ANODE 4 12 3 Marking Information |