| データシートサーチシステム |
|
8EWF12STR データシート(PDF) 7 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
8EWF12STR データシート(HTML) 7 Page - International Rectifier |
|
7 / 8 page ![]() 7 Bulletin I2203 03/05 8EWF12SPbF QUIET IR Series www.irf.com Tape & Reel Information TR FEED DIRECTION 4.1 (0.16) 3.9 (0.15) 2.1 (0.83) 1.9 (0.07) 12.1 (0.48) 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.4 (0.29) 2.6 (0.10) 1.5 (0.06) 7.6 (0.30) 11.9 (0.47) 1.85 (0.07) TO-252AA Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples of 2,000 pieces per reel for TR and multiples of 3,000 pieces per reel for both TRL and TRR. 13 (0.52) DIA. DIA. MAX. 375 (14.17) 50 (1.97) DIA. 22.4 (0.88) 0.35 (0.01) 16.3 (0.64) 15.7 (0.62) 2.75 (0.11) 2.55 (0.10) 0.25 (0.01) 6.8 (0.26) 7.0 (0.28) TRR FEED DIRECTION 4.1 (0.16) 3.9 (0.15) 2.1 (0.83) 1.9 (0.07) 8.1 (0.32) 1.85 (0.07) 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.4 (0.29) 2.6 (0.10) 1.5 (0.06) 7.6 (0.30) 7.9 (0.31) 0.35 (0.01) 16.3 (0.64) 15.7 (0.62) 2.75 (0.11) 2.55 (0.10) 0.25 (0.01) 10.4 (0.41) 10.6 (0.42) DIA. TRL FEED DIRECTION 4.1 (0.16) 3.9 (0.15) 2.1 (0.83) 1.9 (0.07) 8.1 (0.32) 1.85 (0.07) 1.65 (0.06) 1.85 (0.07) 1.65 (0.06) 7.4 (0.29) 2.6 (0.10) 1.5 (0.06) 7.6 (0.30) 7.9 (0.31) 0.35 (0.01) 16.3 (0.64) 15.7 (0.62) 2.75 (0.11) 2.55 (0.10) 0.25 (0.01) 10.4 (0.41) 10.6 (0.42) DIA. DIA. DIA. DIA. DIA. |