データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM2339 データシート(PDF) 13 Page - STMicroelectronics

部品番号 UM2339
部品情報  Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2339 データシート(HTML) 13 Page - STMicroelectronics

Back Button UM2339 Datasheet HTML 9Page - STMicroelectronics UM2339 Datasheet HTML 10Page - STMicroelectronics UM2339 Datasheet HTML 11Page - STMicroelectronics UM2339 Datasheet HTML 12Page - STMicroelectronics UM2339 Datasheet HTML 13Page - STMicroelectronics UM2339 Datasheet HTML 14Page - STMicroelectronics UM2339 Datasheet HTML 15Page - STMicroelectronics UM2339 Datasheet HTML 16Page - STMicroelectronics UM2339 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
UM2339 Rev 1
13/26
UM2339
Hardware layout and configuration
25
7.6
IDD measurement (JP1)
Jumper IDD (JP1) allows to measure the consumption of a STM8 device by removing the
jumper and by connecting an ammeter:
•
Jumper ON: STM8 device(s) is (are) powered (default).
•
Jumper OFF: an ammeter must be connected to measure the STM8 device(s) current.
If there is no ammeter, STM8 device(s) is (are) not powered.
Note:
By default all STM8 devices are powered. To isolate the power consumption of only one
STM8 device, it is required to either cutout the non-required DIL8 modules or to cut all of
them and insert the required DIL8 module in the socket U3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26