データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UM2339 データシート(PDF) 24 Page - STMicroelectronics

部品番号 UM2339
部品情報  Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2339 データシート(HTML) 24 Page - STMicroelectronics

Back Button UM2339 Datasheet HTML 18Page - STMicroelectronics UM2339 Datasheet HTML 19Page - STMicroelectronics UM2339 Datasheet HTML 20Page - STMicroelectronics UM2339 Datasheet HTML 21Page - STMicroelectronics UM2339 Datasheet HTML 22Page - STMicroelectronics UM2339 Datasheet HTML 23Page - STMicroelectronics UM2339 Datasheet HTML 24Page - STMicroelectronics UM2339 Datasheet HTML 25Page - STMicroelectronics UM2339 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Federal Communications Commission (FCC) and Industry Canada (IC) Compliance
UM2339
24/26
UM2339 Rev 1
Appendix E
Federal Communications Commission (FCC)
and Industry Canada (IC) Compliance
This kit is designed to allow:
1.
Product developers to evaluate electronic components, circuitry, or software associated
with the kit to determine whether to incorporate such items in a finished product and
2.
Software developers to write software applications for use with the end product. This kit
is not a finished product and when assembled may not be resold or otherwise
marketed unless all required FCC equipment authorizations are first obtained.
Operation is subject to the condition that this product not cause harmful interference to
licensed radio stations and that this product accept harmful interference. Unless the
assembled kit is designed to operate under part 15, part 18 or part 95 of 47 CFR,
Chapter I (‘FCC Rules’), the operator of the kit must operate under the authority of an
FCC license holder or must secure an experimental authorization under part 5 of this
chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26