データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F479 データシート(PDF) 77 Page - STMicroelectronics

部品番号 STM32F479
部品情報  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 データシート(HTML) 77 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 73Page - STMicroelectronics STM32F479 Datasheet HTML 74Page - STMicroelectronics STM32F479 Datasheet HTML 75Page - STMicroelectronics STM32F479 Datasheet HTML 76Page - STMicroelectronics STM32F479 Datasheet HTML 77Page - STMicroelectronics STM32F479 Datasheet HTML 78Page - STMicroelectronics STM32F479 Datasheet HTML 79Page - STMicroelectronics STM32F479 Datasheet HTML 80Page - STMicroelectronics STM32F479 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 91 page
background image
DocID029237 Rev 2
77/91
AN4861
LTDC application examples
89
In this example the LCD-Image-Converter-20161012 tool is used (see Section 4.8 for more
details on this tool).
To convert an image, the user must first run the LCD-Image-Converter tool, then in the
home page shown in the Figure 48 click on “File->Open” then select the image file to be
converted.
The used image size should be aligned with the LTDC layer1 configuration (480 x 272). If
the used image size is not aligned with the LTDC layer1 configuration, the user can resize
the image by going to Image->Resize or choose another image with the correct size.
For this example the used image size is 480 x 272 and it is showing the ST logo (see
Figure 49).
Figure 48. LCD Image Converter: home page
The image is then displayed on the tool's home page as described in Figure 49.
To convert the image to a header file avoiding the red and blue swap issue explained in
Section 4.8: Storing graphic primitives, the user should configure the tool to convert the
image to a table of 32-bit words. To do it, in the home page menu click on Options-
>Conversion as shown in Figure 49.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91